Part Number Hot Search : 
D4120 CM160 CD4042B P1156T 02N60 K2200 HMBD914 BSL40
Product Description
Full Text Search
 

To Download BCM6335 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM6335
(R)
SINGLE-CHIP ADSL-TO-ETHERNET CPE ROUTER
FEATURES * Low-cost, high-performance, single-chip ADSL CPE router and modem solution * G.992.1/G.992.2/G.992.3 and T1.413 compliant with world-wide support for Annex A, B, C, RE-ADSL, and SADSL deployments * High-performance MIPS32TM CPU to support high data rate throughput applications * Hardware ATM SAR for enhanced ATM VC management, traffic shaping, QoS, and CPU offload * 10/100-Mbps IEEE 802.3u Ethernet MAC interface and 10/100-Mbps Ethernet PHY with Auto-MDIX * Parallel FLASH and SDRAM interfaces * On-chip power management, EJTAG, GPIO, and UART SUMMARY OF BENEFITS * Unmatched integration dramatically reduces bill of materials * Proven ADSL physical layer performance guarantees highest degree of interoperability with deployed DSLAMs worldwide * MIPS32 CPU environment supports streamlined application development with choice of industry standard tool chains and operating systems * Wire-speed bridging between ADSL and 10/100-Mbps Ethernet provides measurably superior throughput performance compared to other ADSL CPEs * Feature-rich Linux software package greatly reduces time to market with complete documentation and support package
BCM6335-Based ADSL-to-Ethernet CPE Router
RJ11
ADSL Line Driver
BCM6335
Single Chip ADSL-to-Ethernet CPE Router
10/100 Ethernet
Flash Memory
SDRAM
OVERVIEW
FLASH
Expansion Bus
EJTAG
System Bus
ADSL Line Driver
ADSL Xcvr/AFE
ATM SAR
High-Performance CPU
I-Cache D-Cache
10/100 Ethernet
10/100 Ethernet PHY
10/100 Ethernet MAC
Peripheral Bus
Timers
BCM6335
SDRAM Interface
IRQs
UART
GPIO
SPI
SDRAM
The BCM6335 is a single-chip G.992.1/G.992.2/G.992.3 and T1.413 ADSL-to-Ethernet CPE router with a high-performance MIPS32TM CPU, a 10/100-Mbps Ethernet interface with Auto-MDIX, and FLASH and SDRAM interfaces. The integrated ADSL transceiver and AFE supports G.dmt, T1.413, and G.Lite ADSL with G.997.1, G.994.1, I.432 TC layer, dual-latency framing, and embedded operations channel operation for remote management of the CPE. A feature-rich Linux software package running on the MIPS32 CPU controls the ADSL modem and performs high-performance bridging between the ADSL WAN and Ethernet LAN interfaces. The web graphical user interface can be easily customized to meet specific customer requirements and reduces time to market.
The BCM6335 is compatible with industry-standard EJTAG/Ethernet tool chains and development environments. The full-featured ATM SAR on the BCM6335 supports complete traffic shaping, management, and QoS for multiple VCs. The embedded 10/ 100-Mbps Ethernet MAC and PHY with Auto-MDIX provide connectivity to PC hosts. The BCM6335 enables complete ADSL-to-Ethernet CPE routers to be assembled with a minimum amount of additional components. The result is the most cost-effective solution for ADSL CPE router applications. For more information contact your local Broadcom sales representative or Marc Abrams at mabrams@broadcom.com.
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 6335-PB00-R 11/05/03
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM6335

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X